Part Number Hot Search : 
SD1219 F1001 SOT89 P0800SA 2SK3030 1SMA5927 ISL85 F4007
Product Description
Full Text Search
 

To Download NTE2980 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2980 Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
Features: D Dynamic dv/dt Rating D Logic Level Gate Drive D RDS(on) Specified at VGS = 4V & 5V D Fast Switching Absolute Maximum Ratings: Drain Current, ID Continuous (VGS = 5V) TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.7A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.9A Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31A Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.20W/C Total Power Dissipation (PC Board Mount, TC = +25C, Note 2), PD . . . . . . . . . . . . . . . . . . . . . 2.5W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02W/C Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Single Pulsed Avalanche Energy (Note 3), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47mJ Peak Diode Recovery dv/dt (Note 4), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Maximum Lead Temperature (During Soldering, 1.6mm from case, 10sec), TL . . . . . . . . . . +260C Maximum Thermal Resistance: Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0C/W Junction-to-Ambient (PCB Mount, Note 2), RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50C/W Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110C/W Note Note Note Note 1. 2. 3. 4. Repetitive Rating: Pulse width limited by maximum junction temperature. When mounted on a 1" square PCB (FR-4 or G-10 material). L = 924H, VDD = 25V, RG = 25, Starting TJ = +25C, IAS = 7.7A. ISD 10A, di/dt 90A/s, VDD V(BR)DSS, TJ +150C.
Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Static Drain-Source ON Resistance Symbol BVDSS Test Conditions VGS = 0V, ID = 250A Min 60 Typ - 0.073 - - - - - - - - - - - 9.3 110 17 26 4.5 7.5 400 170 42 Max - Unit V
V(BR)DSS/ Reference to +25C, ID = 1mA TJ RDS(on) VGS(th) gfs IDSS IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss IS ISM VSD trr Qrr ton (Body Diode) (Body Diode) Note 1 TJ = +25C, IS = 7.7A, VGS = 0V, Note 5 TJ = +25C, IF = 10A, di/dt = 100A/s, Note 5 Between lead, 6mm (0.25") from package and center of die contact VGS = 0V, VDS = 25V, f = 1MHz VDD = 30V, ID = 10A, RG = 12, RD = 2.8, Note 5 VGS = 5V, ID = 4.6A, Note 5 VGS = 4V, ID = 3.9A, Note 4 VDS = VGS, ID = 250A VDS = 25V, ID = 4.6A, Note 5 VDS = 60V, VGS = 0 VDS = 48V, VGS = 0V, TC = +125C VGS = 10V VGS = -10V VGS = 5V, ID = 10A, VDS = 48V, Note 5
-
- - 1.0 3.4 - - - - - - - - - - - - - - - -
-
0.20 0.28 2.0 - 25 250 100 -100 8.4 3.5 6.0 - - - - - - - - -
V/C
V mhos A A nA nA nC nC nC ns ns ns ns nH nH pF pF pF
Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current
Gate-Source Leakage Forward Gate-Source Leakage Reverse Total Gate Charge Gate-Source Charge Gate-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Source-Drain Diode Ratings and Characteristics Continuous Source Current Pulse Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time - - - - - - - - 65 0.33 7.7 31 1.6 130 0.65 A A V ns C
Intrinsic turn-on time is neglegible (turn-on is dominated by LS + LD)
Note 1. Repetitive Rating: Pulse width limited by maximum junction temperature. Note 5. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.256 (6.5) .197 (5.0) .059 (1.5)
.090 (2.3) .002 (0.5)
.275 (7.0)
G
D
S
.295 (7.5)
.002 (0.5)
.090 (2.3)


▲Up To Search▲   

 
Price & Availability of NTE2980

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X